Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3115 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 20Page - STMicroelectronics AN3115 Datasheet HTML 21Page - STMicroelectronics AN3115 Datasheet HTML 22Page - STMicroelectronics AN3115 Datasheet HTML 23Page - STMicroelectronics AN3115 Datasheet HTML 24Page - STMicroelectronics AN3115 Datasheet HTML 25Page - STMicroelectronics AN3115 Datasheet HTML 26Page - STMicroelectronics AN3115 Datasheet HTML 27Page - STMicroelectronics AN3115 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AN3115
Layout guidelines
Doc ID 16830 Rev 3
25/28
However, different layouts are also possible. Basic principles suggest keeping the IC and its
ground exposed pad approximately in the middle of the dissipating area; to provide as many
vias as possible; to design a dissipating area having a shape as square as possible and not
interrupted by other copper traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28