Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3115 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 17Page - STMicroelectronics AN3115 Datasheet HTML 18Page - STMicroelectronics AN3115 Datasheet HTML 19Page - STMicroelectronics AN3115 Datasheet HTML 20Page - STMicroelectronics AN3115 Datasheet HTML 21Page - STMicroelectronics AN3115 Datasheet HTML 22Page - STMicroelectronics AN3115 Datasheet HTML 23Page - STMicroelectronics AN3115 Datasheet HTML 24Page - STMicroelectronics AN3115 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN3115
Component selection guidelines
Doc ID 16830 Rev 3
21/28
2.9
Undervoltage protection diode (D2)
During a short-circuit event on the LNB output, negative voltage spikes may occur on the
VoRX pin. To prevent reliability problems, a low-cost Schottky diode with low VF clamping
voltage is used between this pin and GND (see D2 in Figure 6). It is recommended to place
the protection diode cathode as close as possible to the VoRX pin.
Figure 13.
Tone amplitude vs. R9 value
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.51
1.52
2.5
3
3.5
4
4.5
R9 value (kohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28