Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3028 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 29Page - STMicroelectronics AN3028 Datasheet HTML 30Page - STMicroelectronics AN3028 Datasheet HTML 31Page - STMicroelectronics AN3028 Datasheet HTML 32Page - STMicroelectronics AN3028 Datasheet HTML 33Page - STMicroelectronics AN3028 Datasheet HTML 34Page - STMicroelectronics AN3028 Datasheet HTML 35Page - STMicroelectronics AN3028 Datasheet HTML 36Page - STMicroelectronics AN3028 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AN3028
Test equipment and measurement of efficiency and low-load performance
Doc ID 16135 Rev 1
33/37
least 30 minutes (warm-up period) immediately prior to conducting efficiency
measurements.
After this warm-up period, the AC input power shall be monitored for a period of 5 minutes to
assess the stability of the UUT. If the power level does not drift by more than 5% from the
maximum value observed, the UUT can be considered stable and the measurements can
be recorded at the end of the 5-minute period.
If AC input power is not stable over a 5-minute period, the average power or accumulated
energy shall be measured over time for both AC input and DC output.
Some wattmeter models allow integrating the measured input power in a time range and
then measuring the energy absorbed by the UUT during the integration time. The average
input power is calculated by dividing by the integration time itself.
Figure 34.
Connections of the UUT to the wattmeter for power measurements
A
V
DISPLAY
X
AVG
WATT METER
1
2
AC
SOURCE
U.U.T
(Unit Under test)
INPUT
Multiplier
Voltmeter
Ammeter
OUTPUT
+
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37