Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3028 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3028
Description  demonstration board using the VIPer16LN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3028 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3028 Datasheet HTML 27Page - STMicroelectronics AN3028 Datasheet HTML 28Page - STMicroelectronics AN3028 Datasheet HTML 29Page - STMicroelectronics AN3028 Datasheet HTML 30Page - STMicroelectronics AN3028 Datasheet HTML 31Page - STMicroelectronics AN3028 Datasheet HTML 32Page - STMicroelectronics AN3028 Datasheet HTML 33Page - STMicroelectronics AN3028 Datasheet HTML 34Page - STMicroelectronics AN3028 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AN3028
Conclusions
Doc ID 16135 Rev 1
31/37
12
Conclusions
The VIPer16LN allows a simple design of a non-isolated converter with few external
components. In this document a non-isolated flyback has been described and
characterized. Special attention has been given to low-load performance and the bench
results were good with very low input power in light-load condition. The efficiency has been
compared to the requirements of the ENERGY STAR® program (version 2.0) for an external
AC/DC adapter with very good results in that the measured active mode efficiency is always
higher with respect to the minimum required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37