Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2983 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 20Page - STMicroelectronics AN2983 Datasheet HTML 21Page - STMicroelectronics AN2983 Datasheet HTML 22Page - STMicroelectronics AN2983 Datasheet HTML 23Page - STMicroelectronics AN2983 Datasheet HTML 24Page - STMicroelectronics AN2983 Datasheet HTML 25Page - STMicroelectronics AN2983 Datasheet HTML 26Page - STMicroelectronics AN2983 Datasheet HTML 27Page - STMicroelectronics AN2983 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Measurements
AN2983
24/32
Doc ID 15679 Rev 1
3
Measurements
3.1
LED voltage dependency
The first set of measures was taken at a nominal input voltage with Vin = 48 V and with the
output voltage (Vled) as a parameter.
Figure 27.
LED current (average, maximum, minimum)
Figure 28.
LED current (ripple)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32