Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2983 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN2983
Description  Constant current inverse buck LED driver using L6562A
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2983 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN2983 Datasheet HTML 15Page - STMicroelectronics AN2983 Datasheet HTML 16Page - STMicroelectronics AN2983 Datasheet HTML 17Page - STMicroelectronics AN2983 Datasheet HTML 18Page - STMicroelectronics AN2983 Datasheet HTML 19Page - STMicroelectronics AN2983 Datasheet HTML 20Page - STMicroelectronics AN2983 Datasheet HTML 21Page - STMicroelectronics AN2983 Datasheet HTML 22Page - STMicroelectronics AN2983 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AN2983
Circuit description
Doc ID 15679 Rev 1
19/32
Note:
R1 = 10 k
Ω, C9 = 100 pF, and D1= 5.6 V Zener diode. All these devices have been
introduced to protect the controller from excessive input voltages or noise; in a complete
system, with a driver directly connected, they can be avoided.
Figure 14.
Enable/dimming detailed view (turn-on)
Figure 15.
Enable/dimming detailed view (turn-off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32