Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2937 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 33Page - STMicroelectronics AN2937 Datasheet HTML 34Page - STMicroelectronics AN2937 Datasheet HTML 35Page - STMicroelectronics AN2937 Datasheet HTML 36Page - STMicroelectronics AN2937 Datasheet HTML 37Page - STMicroelectronics AN2937 Datasheet HTML 38Page - STMicroelectronics AN2937 Datasheet HTML 39Page - STMicroelectronics AN2937 Datasheet HTML 40Page - STMicroelectronics AN2937 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
AN2937
Representative waveforms
Doc ID 15418 Rev 1
37/41
11.2.4
Power consumption analysis
To measure the device consumption under real operating conditions, an external power
supply (+5 V) is connected to PVCC. Current absorption from VIN and from VCC are
measured in the three different operative modes with no load applied at the outputs.
Figure 30.
Input current vs input voltage, PWM mode
Figure 31.
Input current vs. input voltage, NA skip mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41