Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2937 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 19Page - STMicroelectronics AN2937 Datasheet HTML 20Page - STMicroelectronics AN2937 Datasheet HTML 21Page - STMicroelectronics AN2937 Datasheet HTML 22Page - STMicroelectronics AN2937 Datasheet HTML 23Page - STMicroelectronics AN2937 Datasheet HTML 24Page - STMicroelectronics AN2937 Datasheet HTML 25Page - STMicroelectronics AN2937 Datasheet HTML 26Page - STMicroelectronics AN2937 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
AN2937
Jumper settings
Doc ID 15418 Rev 1
23/41
9.15
Output 2, virtual ESR connection
9.16
LGATE source for charge pump circuit
9.17
MOSFET dual option, high-side connection section 1
Table 17.
Jumper S15 VESR2
Position
Virtual ESR enable circuit for section 2
OUT2
Virtual ESR circuit is disabled.
VESR2
Virtual ESR circuit is enabled.
Table 18.
Jumper S16 CP_SOURCE
Position
Source of the charge pump CP
LGATE1
The charge pump circuit is supplied by the low-side driver of section 1.
LGATE2
The charge pump circuit is supplied by the low-side driver of section 2.
Table 19.
Jumper S17 DUAL_GATE_1
Position
Connection of high-side MOS (dual configuration)
Shorted
Short this jumper to connect the HGATE1 drive to the MOSFET gate if dual
MOSFETs are mounted.
Open
Leave this jumper open if MOSFET in single package is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41