| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2864 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2864 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 29 page ![]() AN2864 Testing the board Doc ID 15282 Rev 1 25/29 It is possible not to implement this protection, if it is not necessary. This is done by excluding diode D2 and resistor R14, thereby also reducing the number of components. 3.8 EMI measurements A pre-compliant test in accordance with European standard EN55022 (Class B) is also performed. Results are displayed in Figure 26 and Figure 27: Figure 24. OVP protection Figure 25. OVP protection (detail) Figure 26. 115 VAC Figure 27. 230 VAC |