Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2864 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 9Page - STMicroelectronics AN2864 Datasheet HTML 10Page - STMicroelectronics AN2864 Datasheet HTML 11Page - STMicroelectronics AN2864 Datasheet HTML 12Page - STMicroelectronics AN2864 Datasheet HTML 13Page - STMicroelectronics AN2864 Datasheet HTML 14Page - STMicroelectronics AN2864 Datasheet HTML 15Page - STMicroelectronics AN2864 Datasheet HTML 16Page - STMicroelectronics AN2864 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN2864
Testing the board
Doc ID 15282 Rev 1
13/29
Figure 10.
Output voltage ripple 115 VINAC full load
Figure 11.
Output voltage ripple 230 VINAC full load
When the device works in burst mode, a lower frequency ripple is present. In this mode of
operation the converter does not supply continuous power to its output. It alternates the
period when the power MOSFET is kept off and no power is processed by the converter and
the period when the power MOSFET is switching and power flows towards the converter
output. Even if no load is present at the output of the converter, during no switching periods
the output capacitors are discharged by their leakage currents and the currents required to
supply the part of the feedback loop present at the secondary side. During the switching
CH2 : VOUT
CH2 : VOUT_FLY
CH2 : VOUT
CH2 : VOUT_FLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29