Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2816 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN2816
Description  High-efficiency step-down controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2816 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN2816 Datasheet HTML 27Page - STMicroelectronics AN2816 Datasheet HTML 28Page - STMicroelectronics AN2816 Datasheet HTML 29Page - STMicroelectronics AN2816 Datasheet HTML 30Page - STMicroelectronics AN2816 Datasheet HTML 31Page - STMicroelectronics AN2816 Datasheet HTML 32Page - STMicroelectronics AN2816 Datasheet HTML 33Page - STMicroelectronics AN2816 Datasheet HTML 34Page - STMicroelectronics AN2816 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AN2816
PM6675S demonstration tests
31/36
●
Latched OV protection
If the switching section output voltage is higher than the 115% nominal value, the
overvoltage state is entered and the low-side MOSFET is turned on in order to quickly
discharge the output capacitor and avoid load damages.
●
Latched thermal shutdown
If the junction temperature rises above 150 deg, the thermal protection circuit turns off the
device and discharges the switching section output capacitor by performing the soft-end.
Figure 30.
OV protection, pulse-skip mode
Figure 31.
VOUT and LOUT rails, thermal shutdown, pulse-skip mode, LOUT powered
by VOUT
AM01029v1
AM01030v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36