| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2816 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2816 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 36 page ![]() PM6675S demonstration tests AN2816 28/36 10.7 VOUT and LOUT turn-off (soft-end) ● VOUT soft-end When the SWEN pin is pulled down, the switching section performs the output capacitor discharge by turning on the discharge MOSFET. The external low-side MOSFET is turned on when the output voltage is lower than about 400 mV. Figure 27. VOUT and LOUT output voltages VOUT soft-end AM01026v1 |