Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2811 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN2811 Datasheet HTML 1Page - STMicroelectronics AN2811 Datasheet HTML 2Page - STMicroelectronics AN2811 Datasheet HTML 3Page - STMicroelectronics AN2811 Datasheet HTML 4Page - STMicroelectronics AN2811 Datasheet HTML 5Page - STMicroelectronics AN2811 Datasheet HTML 6Page - STMicroelectronics AN2811 Datasheet HTML 7Page - STMicroelectronics AN2811 Datasheet HTML 8Page - STMicroelectronics AN2811 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AN2811
Safety instructions
Doc ID 14904 Rev 1
5/25
1
Safety instructions
Warning:
The demonstration board must be used in a suitable
laboratory by only qualified personnel who are familiar with
the installation, use, and maintenance of electrical systems.
Intended use
The demonstration board is a component designed for demonstration purposes only, and
shall be used neither for domestic installation nor for industrial installation. The technical
data as well as the information concerning the power supply and working conditions shall be
taken from the documentation included with the demonstration board and strictly observed.
Installation
The installation of the demonstration board shall be taken from the present document and
strictly observed. The components must be protected against excessive strain. In particular,
no components are to be bent, or isolating distances altered during the transportation,
handling or usage. The demonstration board contains electro-statically sensitive
components that are prone to damage through improper use. Electrical components must
not be mechanically damaged or destroyed (to avoid potential risks and health injury).
Electrical connection
Applicable national accident prevention rules must be followed when working on the mains
power supply. The electrical installation shall be completed in accordance with the
appropriate requirements (e.g. cross-sectional areas of conductors, fusing, and PE
connections).
Board operation
A system architecture which supplies power to the demonstration board shall be equipped
with additional control and protective devices in accordance with the applicable safety
requirements (e.g. compliance with technical equipment and accident prevention rules).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25