Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2565 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN2565
Description  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 18Page - STMicroelectronics AN2565 Datasheet HTML 19Page - STMicroelectronics AN2565 Datasheet HTML 20Page - STMicroelectronics AN2565 Datasheet HTML 21Page - STMicroelectronics AN2565 Datasheet HTML 22Page - STMicroelectronics AN2565 Datasheet HTML 23Page - STMicroelectronics AN2565 Datasheet HTML 24Page - STMicroelectronics AN2565 Datasheet HTML 25Page - STMicroelectronics AN2565 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Test setup and performance summary
AN2565
22/29
Figure 17.
Input current vs. input voltage
In the following illustrations, the device current consumption is measured in shutdown mode
and standby mode. In shutdown mode all outputs are off (SHDN pin low). In standby mode
only the linear regulator output is on (V5SW = SGND, SHDN pin high, EN5 and EN3 pins
low).
Figure 18.
Device current consumption vs. input voltage
SHUTDOWN MODE INPUT BATTERY CURRENT
vs INPUT VOLTAGE
0.00
5.00
10.00
15.00
20.00
25.00
8
1012
141618
2022
242628
INPUT VOLTAGE [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29