Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2565 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2565
Description  PM6680A evaluation kit dual step-down controller with auxiliary voltages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2565 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2565 Datasheet HTML 17Page - STMicroelectronics AN2565 Datasheet HTML 18Page - STMicroelectronics AN2565 Datasheet HTML 19Page - STMicroelectronics AN2565 Datasheet HTML 20Page - STMicroelectronics AN2565 Datasheet HTML 21Page - STMicroelectronics AN2565 Datasheet HTML 22Page - STMicroelectronics AN2565 Datasheet HTML 23Page - STMicroelectronics AN2565 Datasheet HTML 24Page - STMicroelectronics AN2565 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN2565
Test setup and performance summary
21/29
Figure 15.
Input current vs. input voltage
Figure 16 shows the input current measured at VIN+(includes ISHDN) and the input device
current consumption measured at the VCC pin (IEXT5V). Both switching sections are
working in SKIP mode. No load is applied.
Figure 16.
Input current vs. input voltage
Figure 17 shows the input current measured at VIN+(includes ISHDN) and the input device
current consumption measured at the VCC pin (IEXT5V). Both switching sections are
working in NO-AUDIBLE SKIP mode. No load is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29