Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0432 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 27Page - STMicroelectronics UM0432 Datasheet HTML 28Page - STMicroelectronics UM0432 Datasheet HTML 29Page - STMicroelectronics UM0432 Datasheet HTML 30Page - STMicroelectronics UM0432 Datasheet HTML 31Page - STMicroelectronics UM0432 Datasheet HTML 32Page - STMicroelectronics UM0432 Datasheet HTML 33Page - STMicroelectronics UM0432 Datasheet HTML 34Page - STMicroelectronics UM0432 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
UM0432
Motor control operations
31/53
7.4.7
"3-phase PMAC motor (sinewave)" advanced settings
When you click on the Advanced Settings button (see Figure 16), the Advanced Settings
dialog box opens (see Figure 17). This is where the advanced "3-phase PMAC motor
(sinewave)" motor type parameters are set.
Figure 17.
"3-phase PMAC motor (sinewave)" advanced parameters window
Table 11.
"3-phase PMAC motor (sinewave)" advanced parameters
Parameters name
Description
Switches PWM
frequency
Pulse width modulation (PWM) frequency in kHz.
Dead times value
Selects from the available preset the dead time duration values in microseconds (µs).
Ph/F curve
The software uses this curve to set the value of the phase shift based on the actual value of the
rotor frequency when the "set phase shift according to Ph/F curve" option is set in the main
window. The curve is a linear interpolation between two knee-points.
First knee-point
Phase shift
Sets the phase shift value of the first knee-point of the curve.
Frequency
Sets the frequency value of the first knee-point of the curve.
Second knee-point
Phase shift
Sets the phase shift value of the second knee-point of the curve.
Frequency
Sets the frequency value of the second knee-point of the curve.
Stop condition
Free wheeling
After stopping, the motor continues to spin freely.
Active braking
Motor is braked, generating a stator field 90° in advance with respect to the rotor field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53