Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0432 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 18Page - STMicroelectronics UM0432 Datasheet HTML 19Page - STMicroelectronics UM0432 Datasheet HTML 20Page - STMicroelectronics UM0432 Datasheet HTML 21Page - STMicroelectronics UM0432 Datasheet HTML 22Page - STMicroelectronics UM0432 Datasheet HTML 23Page - STMicroelectronics UM0432 Datasheet HTML 24Page - STMicroelectronics UM0432 Datasheet HTML 25Page - STMicroelectronics UM0432 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Motor control operations
UM0432
22/53
7.3
Software requirements
To customize, compile and download the motor control firmware, the following software must
be installed.
●
"LV ST7MC - GUI" (included in the CD-ROM).
●
STVD7 for inDART-STX V.3.11 (also called "ST7 Toolset" downloadable from Softec’s
website: www.softecmicro.com).
●
Cosmic compiler - ST7 C compiler 16 Kbyte free version - 4.5c (downloadable from
Cosmic’s website: www.cosmic-software.com).
7.3.1
Installing the software
LV ST7MC - GUI installation
Insert the CD-ROM provided with the kit and run Setup.exe.
Third-party software installation
Follow the instructions for the related software to install and configure STVD7 for inDART-
STX and cosmic compiler.
Installation steps
1.
Install the Cosmic compiler first. Use the default installation folder: "C:\Program
Files\COSMIC\CXST7_16Kbite". Registration is required before using the product. You
can perform this procedure at any time by running the "lmreg16k.exe" file inside
Cosmic’s installation folder. Complete the form and click on the "Register by email"
button. You will receive a license file "license.lic" that must be copied to the "license"
folder in the installation folder.
2.
Install STVD7 for inDART-STX. During the first run of the software after installation, a
prompt should appear to configure the toolset. The toolset can be configured at any
time by clicking on Tools > Options inside STVD7. In the Options window, select the
Toolset tab, then ST7Cosmic from the pull-down menu and configure the toolset as
shown in Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53