Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2787 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN2787
Description  Monolithic VR demonstration board for chipset
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2787 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN2787 Datasheet HTML 18Page - STMicroelectronics AN2787 Datasheet HTML 19Page - STMicroelectronics AN2787 Datasheet HTML 20Page - STMicroelectronics AN2787 Datasheet HTML 21Page - STMicroelectronics AN2787 Datasheet HTML 22Page - STMicroelectronics AN2787 Datasheet HTML 23Page - STMicroelectronics AN2787 Datasheet HTML 24Page - STMicroelectronics AN2787 Datasheet HTML 25Page - STMicroelectronics AN2787 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
STEVAL-ISA050V1 evaluation tests
AN2787
22/37
Figure 18.
VDDQ, VTT and VTTREF turn-on
10.2
SW regulator - working mode
Each switching regulator changes working mode with the appropriate load. When the load is
heavy, the SW enters PWM mode, but when the load is light, pulse skip mode is entered.
Each SW regulator is also able to sink current from the output (forced PWM mode when a
soft overvoltage occurs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37