| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2335 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2335 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 40 page ![]() Free-Fall and Wake-Up Registers AN2335 28/40 8.6 FF_WU_CFG_2 (34h) Free-fall and wake-up configuration register for interrupt source 2. Two structures can be used to generate interrupts. They have exactly the same configuration capability and they are completely independent. The interrupt result of each structure can be sent indifferently to INT1 or INT2 pin using CTRL_Reg3 register. AOI LIR ZHIE ZLIE YHIE YLIE XHIE XLIE AOI And/Or combination of Interrupt events. Default value: 0 (0: OR combination of interrupt events; 1: AND combination of interrupt events) LIR Latch Interrupt request into FF_WU_SRC reg with the FF_WU_SRC reg cleared by reading FF_WU_SRC_1 reg. Default value: 0 (0: interrupt request not latched; 1: interrupt request latched) ZHIE Enable interrupt generation on Z high event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value higher than preset threshold) ZLIE Enable interrupt generation on Z low event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value lower than preset threshold) YHIE Enable interrupt generation on Y high event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value higher than preset threshold) YLIE Enable interrupt generation on Y low event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value lower than preset threshold) XHIE Enable interrupt generation on X high event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value higher than preset threshold) XLIE Enable interrupt generation on X low event. Default value: 0 (0: disable interrupt request; 1: enable interrupt request on measured accel. value lower than preset threshold) |