Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2335 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 17Page - STMicroelectronics AN2335 Datasheet HTML 18Page - STMicroelectronics AN2335 Datasheet HTML 19Page - STMicroelectronics AN2335 Datasheet HTML 20Page - STMicroelectronics AN2335 Datasheet HTML 21Page - STMicroelectronics AN2335 Datasheet HTML 22Page - STMicroelectronics AN2335 Datasheet HTML 23Page - STMicroelectronics AN2335 Datasheet HTML 24Page - STMicroelectronics AN2335 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
AN2335
About control registers
21/40
Two completely independent interrupt blocks are available in LIS302DL: FF_WU1 and
FF_WU2. They can be configured using registers described in Section 8.
HP filtered data can be selected for further processing by the Interrupt Generator block
setting the desired values of HP FF_WU1 and HP FF_WU2 bits in CTRL_REG2. Default
value is '0' and corresponds to the use of non filtered data. The output of Interrupt Generator
block is used to load FF_WU_SRC_1 and FF_WU_SRC_2 registers.
I2CFG2
I2CFG1
I2CFG0
INT2 Pin
I1CFG2
I1CFG1
I1CFG0
INT1 Pin
0
0
0
GND
001
FF_WU 1
010
FF_WU 2
0
1
1
FF_WU1 or FF_WU2
1
0
0
Dataready
111
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40