Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2173 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN2173
Description  Using a VIPer12-based Power Supply to Replace a Wall Transformer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2173 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN2173 Datasheet HTML 1Page - STMicroelectronics AN2173 Datasheet HTML 2Page - STMicroelectronics AN2173 Datasheet HTML 3Page - STMicroelectronics AN2173 Datasheet HTML 4Page - STMicroelectronics AN2173 Datasheet HTML 5Page - STMicroelectronics AN2173 Datasheet HTML 6Page - STMicroelectronics AN2173 Datasheet HTML 7Page - STMicroelectronics AN2173 Datasheet HTML 8Page - STMicroelectronics AN2173 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN2173 - APPLICATION NOTE
1 VIPer12-based Power Supply Features and Assembly
5/15
1.2
Assembly
The initial PCBs and power supply assemblies were routed, built, and tested in the lab. An
assembly fits into the case with the attached output wire cable that is connected from the flange
to the end. If a Pollution Degree 1 rating is desired, the assembly should be in a sealed case,
since the cable runs from the secondary (across the transformer) to the primary. Additionally,
the transformer can be smaller if the case is sealed. If a sealed case is not used, then thicker
insulation or triple-insulated wire may be required.
Assembly EMI (EN5502, Class B) measurements are shown in
Figure 4 on page 6.
Figure 2.
PCB Layout
Figure 3.
PCB Component Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15