Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2173 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN2173
Description  Using a VIPer12-based Power Supply to Replace a Wall Transformer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2173 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN2173 Datasheet HTML 7Page - STMicroelectronics AN2173 Datasheet HTML 8Page - STMicroelectronics AN2173 Datasheet HTML 9Page - STMicroelectronics AN2173 Datasheet HTML 10Page - STMicroelectronics AN2173 Datasheet HTML 11Page - STMicroelectronics AN2173 Datasheet HTML 12Page - STMicroelectronics AN2173 Datasheet HTML 13Page - STMicroelectronics AN2173 Datasheet HTML 14Page - STMicroelectronics AN2173 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN2173 - APPLICATION NOTE
4 Transformer Mechanical Information
11/15
4
Transformer Mechanical Information
Figure 11. Transformer Mechanical Drawing
0.71 (max)
0.71 (max)
0.48 ± 0.02
1
4
10
5
0.65 (max)
0.19 REF
0.055 REF
0.022 (typ)
0.13 ± 0.02 (3x)
0.10 ± 0.02 (5x)
AI11838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15