| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1882 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1882 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 30 page ![]() Application ideas AN1882 28/30 Doc ID 10209 Rev 4 Figure 27. PWM brightness control Figure 28. Analog brightness control Both of solutions change the output current by changing then FB voltage. In the Figure 26 is used a DC voltage; instead in the Figure 27 is used the average voltage coming from the PWM signal. |