Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1882 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN1882 Datasheet HTML 19Page - STMicroelectronics AN1882 Datasheet HTML 20Page - STMicroelectronics AN1882 Datasheet HTML 21Page - STMicroelectronics AN1882 Datasheet HTML 22Page - STMicroelectronics AN1882 Datasheet HTML 23Page - STMicroelectronics AN1882 Datasheet HTML 24Page - STMicroelectronics AN1882 Datasheet HTML 25Page - STMicroelectronics AN1882 Datasheet HTML 26Page - STMicroelectronics AN1882 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
AN1882
Application board
Doc ID 10209 Rev 4
23/30
Figure 18.
Schematic demonstration board
Figure 19.
Low noises vs. low consumption efficiencies
Table 7.
Demonstration board part list
Reference
Part number
Description
Manufacturer
C1
ECJ3XBOJ106K
10 µF 6.3 V
Panasonic
C2
ECJ4XBOJ226M
22 µF 6.3 V
Panasonic
C3
C0406C221J5GAC
220 pF, 5% 50 V
Kemet
R1
10 k
Ω 1% 0402
Neohm
R2
100 k
Ω 1% 0402
Neohm
R3
200 k
Ω 1% 0402
Neohm
R4
100 k
Ω 1% 0402
Neohm
L1
ELL6GM6R8M
6.8 µH 1.1 A
Panasonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30