Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1625 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 18Page - STMicroelectronics AN1625 Datasheet HTML 19Page - STMicroelectronics AN1625 Datasheet HTML 20Page - STMicroelectronics AN1625 Datasheet HTML 21Page - STMicroelectronics AN1625 Datasheet HTML 22Page - STMicroelectronics AN1625 Datasheet HTML 23Page - STMicroelectronics AN1625 Datasheet HTML 24Page - STMicroelectronics AN1625 Datasheet HTML 25Page - STMicroelectronics AN1625 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
AN1625 APPLICATION NOTE
22/39
Figure 22. Current in the three phases and the signal of one of the hall effect sensors.
Figure 23. Input Data.
T = 1 / fEL
1 / fHALL = T
( fHALL = fEL = n * fmech )
I1
I2
I3
Ipk
I
∆
∆I
∆
∆I
∆
∆I
Ipk
I
Ipk
I
trise
tfall
trise
tfall
trise
tfall
Hall
Input D ata
Maximum Drain-Source ON Resistance
Ron
=
5.60E-01
[
Ω]
Average Value
between
High-Side and
Low-Side
Max imum diode voltage
Vd
=
1.20E+00
[V]
Quiescent Current
Iq
=
5.50E-03
[A]
Maximum BEMF Voltage
Vb
=
1.00E+01
[V]
Motor Inductance
Lm
=
8.00E-04
[H]
Motor Resistance
Rm
=
2.10E+00
[
Ω]
Polar Couples
n
=
1
-
Supply Voltage
Vs
=
2.40E+01
[V]
Peak Current
Ipk
=
1.50E+00
[A]
Off-Time
tOFF
=
8.00E-06
[s]
Sensing Resistance
Rs
=
3.30E-01
[
Ω]
Motor Speed
sp
=
1.00E+04
[rpm]
Device Input Values
Motor Input Values
Application Input Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39