Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1625 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN1625
Description  L6235 THREE PHASE BRUSHLESS DC MOTOR DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1625 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN1625 Datasheet HTML 17Page - STMicroelectronics AN1625 Datasheet HTML 18Page - STMicroelectronics AN1625 Datasheet HTML 19Page - STMicroelectronics AN1625 Datasheet HTML 20Page - STMicroelectronics AN1625 Datasheet HTML 21Page - STMicroelectronics AN1625 Datasheet HTML 22Page - STMicroelectronics AN1625 Datasheet HTML 23Page - STMicroelectronics AN1625 Datasheet HTML 24Page - STMicroelectronics AN1625 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21/39
AN1625 APPLICATION NOTE
Figure 21. Maximum output current vs. selectable devices.
2.13.2 Power Dissipation Formulae
Figure 22 to Figure 25 are screenshots of a spreadsheet that helps calculating power dissipation in specified
conditions (application and motor data), and estimates the resulting junction temperature for a given package
and copper area available on the PCB [3].
The model considers power dissipation during the on-time and the off-time, taking into account the selected de-
cay, rise and fall time (when a phase change occurs), the switching losses and the quiescent current power dis-
sipation.
0.50
0.70
0.90
1.10
1.30
1.50
1.70
1.90
2.10
2.30
Load Current
[A]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39