Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN993 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN993
Description  Electronic ballast with PFC using L6574 and L6561
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN993 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN993 Datasheet HTML 19Page - STMicroelectronics AN993 Datasheet HTML 20Page - STMicroelectronics AN993 Datasheet HTML 21Page - STMicroelectronics AN993 Datasheet HTML 22Page - STMicroelectronics AN993 Datasheet HTML 23Page - STMicroelectronics AN993 Datasheet HTML 24Page - STMicroelectronics AN993 Datasheet HTML 25Page - STMicroelectronics AN993 Datasheet HTML 26Page - STMicroelectronics AN993 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
AN993
Design tips
Doc ID 5656 Rev 10
23/27
If one of these conditions is not verified, the evaluation process has to be redone changing
the initial hypothesis (frequencies or assumption on the Cb ripple). If everything concords,
the values found can be used and a preliminary stage of design can be concluded. Further
experiments may be required and the initial assumptions may need to be verified to correctly
set the components and frequency values, and if necessary another evaluation process
reiterated with better assumptions.
The following flow chart can help the iteration process.
Figure 21.
Operating transfer function
Figure 22.
Iterative process
AM01329v1
f = f(L,C,rr)
fmin
Vlamp
Vin
freq
AM01330v1
L evaluation
C evaluation
DATA:
operating lamp elec.characteristic
HVB
HYPOTHESIS:
fmin
Cb
HYPOTHESIS:
fpre
DATA:
ignition and preheating lamp elec.characteristic
Transfer preheating funct.
Transfer operating funct.
check on board
OK
OK
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27