Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4111 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN4111
Description  The STEVAL-ILL044V1 demonstration board showcases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4111 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN4111 Datasheet HTML 1Page - STMicroelectronics AN4111 Datasheet HTML 2Page - STMicroelectronics AN4111 Datasheet HTML 3Page - STMicroelectronics AN4111 Datasheet HTML 4Page - STMicroelectronics AN4111 Datasheet HTML 5Page - STMicroelectronics AN4111 Datasheet HTML 6Page - STMicroelectronics AN4111 Datasheet HTML 7Page - STMicroelectronics AN4111 Datasheet HTML 8Page - STMicroelectronics AN4111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID023194 Rev4
5/17
AN4111
Benefits of BAL-NRF01D3 reference design
Figure 7 demonstrates two essential benefits of the BAL-NRF01D3.
Decrease in the BOM count by 80%, from 5 components to 1 component
More than 80% PCB area reduction compared to the traditional discrete solution
Figure 7. PCB area comparison between BAL-NRF01D3 and discrete solution
Compared to discrete solutions, the BAL-NRF01D3 solution is much easier to implement.
Thanks to this smart implementation:
No RF measurement tools and RF skills are required to design and validate the
function.
Performance is less sensitive to component placement.
PCB design is symmetrical from differential output to antenna, providing much shorter
traces between transceiver outputs to the balun.
As a result, ST BAL-NRF01D3 reduces harmonics generation.
“Traditional” discrete solution
BAL-NRF01D3 solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17