Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4111 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN4111
Description  The STEVAL-ILL044V1 demonstration board showcases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4111 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN4111 Datasheet HTML 7Page - STMicroelectronics AN4111 Datasheet HTML 8Page - STMicroelectronics AN4111 Datasheet HTML 9Page - STMicroelectronics AN4111 Datasheet HTML 10Page - STMicroelectronics AN4111 Datasheet HTML 11Page - STMicroelectronics AN4111 Datasheet HTML 12Page - STMicroelectronics AN4111 Datasheet HTML 13Page - STMicroelectronics AN4111 Datasheet HTML 14Page - STMicroelectronics AN4111 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID023194 Rev4
11/17
AN4111
Measured performances
3.4
Layout recommendations for nRF24LE1
Figure 16. PCB overview
Figure 17. nRF24LE1 exposed pads
Exposed pad length = 3700µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17