| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2744 Fiches technique(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2744 Fiches technique(HTML) 48 Page - STMicroelectronics |
|
48 / 56 page ![]() Application ideas AN2744 48/56 The schematic above is based on a simple diode-capacitor (D1-C1) circuit improved with an LM393 comparator so that: ● The comparator eliminates the diode reverse voltage ● The feedback network (R3/R2) introduces a gain of 4 to improve the performance against low amplitude signals In the end this circuit gives on DC_OUT line a DC voltage proportional to the AC peak to peak level at the input. Figure 49 shows the measured behavior of this circuit with a given pure sinusoidal waveform at the input. The DC_OUT signal shall be converted by the application microcontroller through an integrated A/D converter. Figure 48. Peak detector electrical schematic Rx_IN R1 100k R2 18k R3 82k R4 4.7k + - U1A LM393 3 1 8 4 2 5V D1 1N4148 C1 100n DC_OUT Rx_IN R1 100k R2 18k R3 82k R4 4.7k + - U1A LM393 3 1 8 4 2 5V D1 1N4148 C1 100n DC_OUT Figure 49. Measured DC_OUT vs. AC_IN peak detector performance 0 500 1000 1500 2000 2500 3000 0 200 400 600 800 1000 1200 AC_IN [mVpp] 0 500 1000 1500 2000 2500 3000 0 200 400 600 800 1000 1200 AC_IN [mVpp] |