| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2744 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2744 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 56 page ![]() Evaluation tools description AN2744 12/56 4 Evaluation tools description The complete evaluation environment for the ST7538Q power line communication consists of: – 1 PC using the "ST7538 power line modem demonstration kit" software tool – 1 EVALCOMMBOARD hosting an ST7 microcontroller – 1 ST7538Q dual channel reference design board (EVALST7538DUAL) The correct procedure for connecting the EVALST7538DUAL and the EVALCOMMBOARD is as follows: 1. Connect the EVALST7538DUAL and the EVALCOMMBOARD together 2. Connect the ac cable to the EVALST7538DUAL and the USB cable to the EVALCOMMBOARD 3. Connect the EVALST7538DUAL to the mains supply 4. Connect the EVALCOMMBOARD to the PC via USB cable Warning: Follow the connection procedure to avoid damaging the boards! Figure 4. Complete evaluation system including a PC, an EVALCOMMBOARD and the EVALST7538DUAL board USB/RS232 USB/RS232 |