| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1620 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1620 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 41 page ![]() DocID024388 Rev 3 35/41 UM1620 API specification If no blocks are enabled the C90FL_ERROR_FMR_NO_BLOCK error code is returned. The MISR values are calculated for the enabled blocks using the logical sequence. If the MISR values calculated by the hardware is not the same as the values passed to this API by the user then the API returns the error code C90FL_ERROR_FMR_MISMATCH. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. Table 56. Bit allocation for blocks in high address space MSB LSB bit 31 … bit 6 bit 5 bit 4 … bit 1 bit 0 reserved … reserved block 5 block 4 … Block 1 Block 0 |