| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1620 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1620 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 41 page ![]() API specification UM1620 14/41 DocID024388 Rev 3 Prototype UINT32 BlankCheck (PSSD_CONFIG pSSDConfig, UINT32 dest, UINT32 size, UINT32 * pFailAddress, UINT64 *pFailData, void (*CallBack) (void )); Arguments Return values Table 12. Arguments for BlankCheck() Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. dest Destination address to be checked. Any accessible address aligned on double word boundary in main array or shadow row size Size, in bytes, of the Flash region to check. If size = 0, the return value is C90FL_OK. It should be multiple of 8 and its combination with dest should fall in either main array or shadow row. pFailAddress Return the address of the first non-blank Flash location in the checking region. Only valid when this function returns C90FL_ERROR_NOT_BLANK. pFailData Return the content of the first non-blank Flash location in the checking region. Only valid when this function returns C90FL_ERROR_NOT_BLANK. CallBack Address of void callback function. Any addressable void function address. To disable it use NULL_CALLBACK macro. Table 13. Return values for BlankCheck() Type Description Possible values UINT32 Successful completion or error value. C90FL_OK C90FL_ERROR_ALIGNMENT C90FL_ERROR_RANGE C90FL_ERROR_NOT_BLANK |