| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1554 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1554 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 34 page ![]() UM1554 Tamper definitions Doc ID 023381 Rev 1 23/34 Appendix B Tamper definitions ● Earth tamper: using earth in place of neutral (load current is passed partially or fully through earth) ● Reverse connection: reversal of phase and neutral at mains ● Neutral missing tamper: when neutral is disconnected, the board is not powered. During this condition (single-wire conditions), power supply is generated by a CT for powering up the board. ● Case tamper: if an attempt is made to open the meter body, the meter logs the date/time of the meter opening tamper ● Magnetic tamper: if a magnet is near to the board, it pulls magnetic sensor output IO low. |