| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1554 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1554 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 34 page ![]() UM1554 EEPROM log data structure Doc ID 023381 Rev 1 21/34 6.8 Size overview Note: EEPROM data structuring is done in a modular way in order to support future updates. Reconfigure parameters in header file “emeter_datamgmt.h”, to modify the log structure entry count. 6.9 Entry structure ● Calibration data log CHV, CHP, and CHS are calibration parameters for the current and voltage channel for the metering IC. For more details on calibration parameters, refer to metering IC datasheet on www.st.com. Table 5. EEPROM parameter size overview Parameter Size (in bytes) Calibration data 10 (3 bytes (CHV, CHP, CHS) + 7 dummy bytes for future use) Total cumulative energy duplicate entry 1 7 (4 bytes + 2 bytes + 1 byte (CRC)) Cumulative energy until last month 42 (7*6): without CRC Maximum demand log 63 (7*(3+3+3)) Monthly cumulative energy log 42 (7*6) Average PF log 42 (7*4 + 7*2) Earth tamper log 175 (7*((4*(3+3)) +1)) Reverse log 175 (7*((4*(3+3)) +1)) Neutral missing log 175 (7*((4*(3+3)) +1)) Case tamper log 175 (7*((4*(3+3)) +1)) Total cumulative energy duplicate entry 2 7(4 bytes + 2 bytes + 1 byte (CRC)) Count for CE overflow 1 byte Power-down entry 6 bytes Table 6. Calibration data Calibration data Start address Size (CHV, CHP, CHS, 7 times 0x00) 0x00 10 |