| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0239 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0239 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 44 page ![]() UM0239 Ping sessions 35/44 Figure 20. Ping slave loop Ping start Ping Slave settings: •SLAVE ADDRESS •MAC (MEDIUM ACCESS CONTROL) MAX WAIT SLOT NR. MAX WAIT TIME Ping Slave Total Message Data: •LAST MSG REC. •TOT OK MSG •TOT CORR MSG •TOT RX MORE MSG •TOT WR FCS MSG Message detected ? YES YES SLAVE ADDRESS correct? NO NO FCS calculated equal to FCS received? YES TOT OK MSG ‡ 1 NO Use FEC and calculate a new FCS New FCS equal to FCS of corrected message? TOT RX MSG = 0 TOT OK MSG = 0 TOT CORR MSG = 0 TOT RX MORE MSG = 0 TOT WR FCS MSG = 0 MSG number = 0 ? NO YES YES NO Message already received? NO NO YES YES Transmit message MAC enable ? NO MAC equal to PD and Control Register set to CD? YES NO NO YES Calculate FCS YES Message already received? YES TOT RX MORE MSG ‡ 1 TOT CORR MSG ‡ 1 TOT WR FCS MSG ‡ 1 Get LAST MSG REC and create reply message Set Control Register to PD Wait RAND time (from 1 to Max Wait Slot No. * 4 ms) Line busy and Max Wait Time not elapsed? |