| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0239 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0239 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 44 page ![]() User interface UM0239 12/44 3.3 Status bar The Status Bar shows information about software, firmware and about the link between PC and the Evaluation Board. Figure 3. ST7540 status bar The left side of the Status Bar indicates the selected COM port by means of Command → COM Settings menu voice. The SW version field indicates the software release. To the right, a text string shows the device used (ST7540 in this case) and the the Firmware release of ST7 microcontroller equipped on IBU Communication Board. The LED to the right of the Status Bar (Demo Link) indicates the status of communication between PC and Evaluation board. If a communication error occurs (bad or no response from the MCU to PC), this LED turns from green to red. ST7540 STATUS BAR COM port Selected Software release Firmware release Link status |