Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN443 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN443
Description  SERIES OPERATION OF FAST RECTIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN443 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN443 Datasheet HTML 6Page - STMicroelectronics AN443 Datasheet HTML 7Page - STMicroelectronics AN443 Datasheet HTML 8Page - STMicroelectronics AN443 Datasheet HTML 9Page - STMicroelectronics AN443 Datasheet HTML 10Page - STMicroelectronics AN443 Datasheet HTML 11Page - STMicroelectronics AN443 Datasheet HTML 12Page - STMicroelectronics AN443 Datasheet HTML 13Page - STMicroelectronics AN443 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AN443 APPLICATION NOTE
12/14
operating conditions (possibly by measurement and selection), it is possible to implement a resistor with
a value as high as possible.
Parallel capacitors also have to be reduced as much as possible with the knowledge the switching char-
acteristics of the string in the actual conditions. The reverse recovery charge (QRR) is not always acces-
sible with the datasheet and a measurement is often necessary.
In certain applications using ultra fast diodes of the same lot, where the QRR, and therefore the ∆QRR are
very low, the sharing capacitor can be reduced to zero.
In systems where there is a risk of external overvoltages or where there are transient states not well
known, TRANSIL diodes are a solution to the sharing voltage problem insofar as the total power dissipa-
tion of the TRANSIL string remains compatible with the existing packages for these devices.
REFERENCES
1. B.M. BIRD and K.G. KING: "An introduction to Power Electronics"
2. J.M. PETER - STMicroelectronics: "Analysis and optimisation of high frequency Power rectification"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14