| Moteur de recherche de fiches techniques de composants électroniques |
|
AN443 Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN443 Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 14 page ![]() 9/14 AN443 APPLICATION NOTE Figure 10. Junction capacitance versus reverse voltage (example: BYT261PIV-1000) When D1 has evacuated all its stored charge, it is equivalent to a capacitor CJ1 and the other diodes D2, D3 ... Dn are equivalent to a capacitor which is the sum of the junction capacitance CJ2, CJ3 ... CJn and the capacitancer Figure 11 shows the equivalent circuit Figure 11. Equivalent diagram when D1 switches off in case of low QRR: The junction capacitances CJ1, CJ2; ....CJn, play the role of sharing capacitors. In the worst case CJ1 is the junction capacitor of D1 at the maximum voltage VRRM Putting CJ1 = CJ at VRRM We have Auxiliary capacitors are not necessary if C D ∆Q RR n1 – () V M V 1 – --------------------------------- = V1 V2 V3 Vn +VM D1 D2 D3 Dn CJ1 CJ2 CJ3 CJn C D C D C D C J2 C J3....CJn C j at V M V RRM – n1 – ----------------------------- == V 1 ∆Q RR n1 – () V MCJn + C J1 n1 + () C Jn + ---------------------------------------------------------- = |