| Moteur de recherche de fiches techniques de composants électroniques |
|
AN4092 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4092 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 38 page ![]() Reset AN4092 32/38 Doc ID 023080 Rev 2 Table 7. Reset source description Reset source(1) SRAM JTAG(2) Registers (including PMC(3), PLL, etc.) OSC(4) PORT PIN BA M WKPCFG, PLLREF, BOOTCFG Factory trimming Shadow information (NVUSR0, Lock Registers, etc.) POR/LVI Rando m content / Retenti on not reliable XX Not affected Reset state as per signal proper ties table (5) Exec uted Sampled Trimming reloaded from Flash Reloaded from Flash ER / LLR / LCR / WTDR / JTAG Reset / SSR Content unaffect ed Not affected X(6) Not affected Reset state as per signal proper ties table (7) Exec uted Sampled Trimming kept Reloaded from Flash SER Content unaffect ed Not affected Not affected Not affected Not affect ed Not exec uted Not Sampled Trimming kept Not reloaded from Flash 1. POR: Power-on Reset / LVI: Low Voltage Inhibit / ER: External Reset / LLR: Loss of Lock Reset / LCR: Loss of Clock Reset / WTDR: Watchdog Timer/Debug Reset / SSR: Software System Reset / SER: Software External Reset 2. JCOMP is used to reset JTAG Controller 3. Including MCR register 4. Provided that the supply voltages are within the limits 5. Refer to RM / DS 6. RAM content unaffected (CAN message buffer, ETPU memories, etc.) 7. Refer to RM / DS |