Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4092 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce AN4092
Description  Low to mid range engine management
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4092 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button AN4092 Datasheet HTML 18Page - STMicroelectronics AN4092 Datasheet HTML 19Page - STMicroelectronics AN4092 Datasheet HTML 20Page - STMicroelectronics AN4092 Datasheet HTML 21Page - STMicroelectronics AN4092 Datasheet HTML 22Page - STMicroelectronics AN4092 Datasheet HTML 23Page - STMicroelectronics AN4092 Datasheet HTML 24Page - STMicroelectronics AN4092 Datasheet HTML 25Page - STMicroelectronics AN4092 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
FMPLL and crystal oscillator
AN4092
22/38
Doc ID 023080 Rev 2
2.5
Layout recommendations
●
Keep the area of the oscillator circuit as compact as possible, keep tracks very short;
●
Avoid any track crossing the oscillator area, also considering inner layers between the
components and the ground plane;
●
Keep the routing on one layer;
●
Create an island for the oscillator ground on the top layer;
●
Open all the inner layers in correspondence of the oscillator to reduce capacitance;
●
Surround the oscillator area on component side with a GND guard, do not fill the area
with ground. To be effective, the guard trace must be grounded by vias every a short
lenght (< wavelenght / 20, with reference at the higher frequency present);
●
Use robust SMT pads for components in crystal oscillator, short track lengths for all
signals.
Figure 9.
PCB layout example for SPC563Mxx / SPC564Axx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38