Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3157 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN3157
Description  STEVAL-IPE010V1 poly-phase demonstration kit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3157 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN3157 Datasheet HTML 16Page - STMicroelectronics AN3157 Datasheet HTML 17Page - STMicroelectronics AN3157 Datasheet HTML 18Page - STMicroelectronics AN3157 Datasheet HTML 19Page - STMicroelectronics AN3157 Datasheet HTML 20Page - STMicroelectronics AN3157 Datasheet HTML 21Page - STMicroelectronics AN3157 Datasheet HTML 22Page - STMicroelectronics AN3157 Datasheet HTML 23Page - STMicroelectronics AN3157 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
3-phase systems
AN3157
20/26
Doc ID 17105 Rev 1
In the balanced loads, the sum of the two wattmeter readings gives the total power. This can
be proven in a star-connected load mathematically using the power reading of each meter
as:
Equation 10
Equation 11
Equation 12
The difference between the readings is computed as follows:
Equation 13
which is 1/
√3 times the total 3-phase reactive power (see Equation 8). This means that the
two-wattmeter method can also indicate the total reactive power in the 3-phase loads and
also the power factor.
Figure 14.
The two-wattmeter method in star- or delta-connected load.
()
)
30
cos(
I
V
30
cos
I
V
P
line
line
1
12
1
θ
+
°
=
θ
+
°
=
()
)
30
cos(
I
V
30
cos
I
V
P
line
line
3
32
2
θ
−
°
=
θ
−
°
=
θ
=
+
=
cos
I
V
3
P
P
P
line
line
2
1
Total
θ
=
θ
+
°
−
θ
−
°
=
−
sin
I
V
)
30
cos(
I
V
)
30
cos(
I
V
P
P
line
line
line
line
line
line
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26