Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1012 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 19Page - STMicroelectronics AN1012 Datasheet HTML 20Page - STMicroelectronics AN1012 Datasheet HTML 21Page - STMicroelectronics AN1012 Datasheet HTML 22Page - STMicroelectronics AN1012 Datasheet HTML 23Page - STMicroelectronics AN1012 Datasheet HTML 24Page - STMicroelectronics AN1012 Datasheet HTML 25Page - STMicroelectronics AN1012 Datasheet HTML 26Page - STMicroelectronics AN1012 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN1012
U.L. recognition and recycling
Doc ID 6395 Rev 4
23/33
9
U.L. recognition and recycling
While providing innovative, leading edge products, STMicroelectronics remains committed
to safety, including its products, its customers, and the environment. Each device contains
reverse-charge protection circuitry, and uses safe lithium mono-fluoride batteries. All
ZEROPOWER®, TIMEKEEPER, supervisor, and serial RTC components are recognized by
Underwriter’s Laboratory under file number E89556, and are compliant to the LL-94-VO
flammability rating.
The unique SNAPHAT packaging consists of a 330 mil SOIC device and a separate, “snap-
on” SNAPHAT, which includes both the lithium power cell, and in the case of TIMEKEEPER
product, a high accuracy crystal. The SNAPHAT is removable and can be replaced,
providing the added benefit of proper disposal or recycling that has not been available
before with NVRAMs. Various companies offer recycling and safe disposal of scrap lithium
cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33