Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1012 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN1012
Description  Predicting the battery life and data
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1012 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN1012 Datasheet HTML 15Page - STMicroelectronics AN1012 Datasheet HTML 16Page - STMicroelectronics AN1012 Datasheet HTML 17Page - STMicroelectronics AN1012 Datasheet HTML 18Page - STMicroelectronics AN1012 Datasheet HTML 19Page - STMicroelectronics AN1012 Datasheet HTML 20Page - STMicroelectronics AN1012 Datasheet HTML 21Page - STMicroelectronics AN1012 Datasheet HTML 22Page - STMicroelectronics AN1012 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN1012
Supervisor products
Doc ID 6395 Rev 4
19/33
6
Supervisor products
STMicroelectronics also has a family of ZEROPOWER® and TIMEKEEPER® supervisor
devices. Supervisors are self-contained units that allow standard low-power SRAMs to be
turned into non-volatile memory devices. They monitor and provide VCC input for one or
more external SRAMs the same way ZEROPOWER and TIMEKEEPER products do. They
use a precision voltage reference and comparator to monitor the VCC input for going out-of-
tolerance.
When VCC becomes invalid, the supervisor’s conditioned chip-enable outputs (ECON) are
forced to their “inactive” state, thereby putting each external SRAM into its own write-protect
state. During the power failure, the supervisor provides the power for the SRAM from the
lithium cell within its SNAPHAT top. The supervisor switches the power source back to the
VCC supply as soon as the voltage returns to specified levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33