Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN934 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce AN934
Description  How to use the digital calibration feature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN934 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button AN934 Datasheet HTML 6Page - STMicroelectronics AN934 Datasheet HTML 7Page - STMicroelectronics AN934 Datasheet HTML 8Page - STMicroelectronics AN934 Datasheet HTML 9Page - STMicroelectronics AN934 Datasheet HTML 10Page - STMicroelectronics AN934 Datasheet HTML 11Page - STMicroelectronics AN934 Datasheet HTML 12Page - STMicroelectronics AN934 Datasheet HTML 13Page - STMicroelectronics AN934 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AN934
Enabling the frequency test function (FT)
Doc ID 6393 Rev 4
11/14
Table 2.
512 Hz output pin
Device
Pin name
M41T00, M41T00S, M41T11, M41T56, M41T00CAP
FT/Out
M48T02, M48T12, M48T08, M48T08Y, M48T18, M48T35, M48T35AV, M48T35Y
DQ0
M41T60, M48T58, M48T58Y
FT
M48T37V, M48T37Y, M48T201V, M48T201Y
IRQ/FT
M41ST85W, M41ST87W, M41ST87Y, M41ST95W, M41T65, M41T81, M41T81S,
M41T94, M41T00AUD, M41T93
IRQ/FT/OUT
M41T62, M41T63, M41T64, M41T66
SQW
M41T82
FT/RST
M41T83
IRQ1/OUT/FT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14