Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0576 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce UM0576
Description  This document explains the functioning and operation of the STEVAL-CCH002V1
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0576 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button UM0576 Datasheet HTML 17Page - STMicroelectronics UM0576 Datasheet HTML 18Page - STMicroelectronics UM0576 Datasheet HTML 19Page - STMicroelectronics UM0576 Datasheet HTML 20Page - STMicroelectronics UM0576 Datasheet HTML 21Page - STMicroelectronics UM0576 Datasheet HTML 22Page - STMicroelectronics UM0576 Datasheet HTML 23Page - STMicroelectronics UM0576 Datasheet HTML 24Page - STMicroelectronics UM0576 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
UM0576
Abbreviations
21/29
Appendix A
Abbreviations
Table 1.
Abbreviations
No.
Acronym
Definition
1
VGA
Video graphics array
2
HDMI
High-definition multimedia interface
3
DVI
Digital video interconnect
4
LCD
Liquid crystal display
5
LED
Light emitting diode
6
DVD
Digital versatile disc
7
S-video
Two-wire analog video format
8
ICC
In-circuit communication
9
GND
Ground
10
Y, Pb, Pr
Component video, analog format, three-wire
11
CVBS
Composite video, analog format, single wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29