| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0576 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0576 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 29 page ![]() UM0576 Using the HDMI and video switches demonstration board 11/29 2.2 The jumpers There are several jumpers on the board, some of which determine demonstration board functionality, some may be left as it is, or may be used for signal tracing/factory debugging. We will start with the essential ones, case by case, as required for demonstrating the various functions of the demonstration board. 2.2.1 Demonstrating the STMAV335: VGA active Figure 13. Jumper settings for VGA input through the STMAV335 |