Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3324 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN3324
Description  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 28Page - STMicroelectronics AN3324 Datasheet HTML 29Page - STMicroelectronics AN3324 Datasheet HTML 30Page - STMicroelectronics AN3324 Datasheet HTML 31Page - STMicroelectronics AN3324 Datasheet HTML 32Page - STMicroelectronics AN3324 Datasheet HTML 33Page - STMicroelectronics AN3324 Datasheet HTML 34Page - STMicroelectronics AN3324 Datasheet HTML 35Page - STMicroelectronics AN3324 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
AN3324
CPU core initialization
Doc ID 18311 Rev 2
32/37
e_stw
r0,0x0(r5)
# Write all 32 registers to SRAM
e_addi
r5,r5,4
# Increment the RAM pointer to next 128byte
e_bdnz
sram_loop2
# Loop for all of SRAM
##---------------------------------------------------------------------------
e_lis
r1, __SP_INIT@h
# Initialize stack pointer r1 to
e_or2i
r1, __SP_INIT@l
# value in linker command file.
e_lis
r13, _SDA_BASE_@h
# Initialize r13 to sdata base
e_or2i
r13, _SDA_BASE_@l
# (provided by linker).
e_lis
r2, _SDA2_BASE_@h
# Initialize r2 to sdata2 base
e_or2i
r2, _SDA2_BASE_@l
# (provided by linker).
e_stwu
r0,-64(r1)
# Terminate stack.
##--------- Load Initialised Data Values from Flash into RAM ----------------
#--------- Load ".data" section value into RAM (un-initialised) -------------
# Set GPR9 to the count of the SRAM load size
e_lis r9, __DATA_SIZE@h
# Load upper SRAM load size (# of bytes) into R9
e_or2ir9, __DATA_SIZE@l # Load lower SRAM load size into R9
e_cmp16ir9,0
# Compare to see if equal to 0
e_beq ROMSDATACOPY
# Exit cfg_ROMCPY if size is zero
mtctr
r9
# Store # of bytes to be moved in spr CTR
e_lis
r10, __DATA_ROM_ADDR@h
# Load address of first SRAM load into R10
e_or2i r10, __DATA_ROM_ADDR@l
# Load lower address of SRAM load into R10
e_subi
r10,r10, 1
# Decrement address to prepare for ROMCPYLOOP
# Load SRAM base address (__DATA_SRAM_ADDR) for loading instructions into R5
#
(__SRAM_CPY_START = ADDR(.data))
e_lis
r5, __DATA_SRAM_ADDR@h
# Load upper SRAM address into R5
e_or2i
r5, __DATA_SRAM_ADDR@l # Load lower SRAM address into R5
e_subi
r5, r5, 1
# Decrement address to prepare for ROMCPYLOOP
ROMDATACPYLOOP:
e_lbzu
r4, 1(r10) # Load data byte at R10 into R4,incrementing (update) ROM
address
e_stbu
r4, 1(r5)
# Store R4 data byte into SRAM at R5 and update SRAM address
e_bdnz
ROMDATACPYLOOP
# Branch if more bytes to load from ROM
##--------- Load ".sdata" section value into RAM (un-initialised) ------------------
ROMSDATACOPY:
e_lis r9, __SDATA_SIZE@h
# Load upper SRAM load size (# of bytes) into R9
e_or2ir9, __SDATA_SIZE@l # Load lower SRAM load size into R9
e_cmp16ir9,0
# Compare to see if equal to 0
e_beq ROMCPYEND
# Exit cfg_ROMCPY if size is zero
mtctr
r9
# Store # of bytes to be moved in spr CTR
e_lis
r10, __SDATA_ROM_ADDR@h # Load address of first SRAM load into R10
e_or2i r10, __SDATA_ROM_ADDR@l
# Load lower address of SRAM load into R10
e_subi
r10,r10, 1# Decrement address to prepare for ROMCPYLOOP
# Load SRAM base address (__SDATA_SRAM_ADDR) for loading instructions into R5
#
(__SDATA_SRAM_ADDR = ADDR(.data))
e_lis
r5, __SDATA_SRAM_ADDR@h
# Load upper SRAM address into R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37