Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3324 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3324
Description  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 27Page - STMicroelectronics AN3324 Datasheet HTML 28Page - STMicroelectronics AN3324 Datasheet HTML 29Page - STMicroelectronics AN3324 Datasheet HTML 30Page - STMicroelectronics AN3324 Datasheet HTML 31Page - STMicroelectronics AN3324 Datasheet HTML 32Page - STMicroelectronics AN3324 Datasheet HTML 33Page - STMicroelectronics AN3324 Datasheet HTML 34Page - STMicroelectronics AN3324 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
AN3324
CPU core initialization
Doc ID 18311 Rev 2
31/37
tlbwe
# Write the entry to the TLB
#table 4
....
mtspr mas3,r5
# mtspr MAS3,r5
tlbwe
# Write the entry to the TLB
#table 5
....
tlbwe
# Write the entry to the TLB
se_isync
##--------- SET UP MMU (END)--------------------------------------------
##---------
Initialise Registers ---------------------
e_li r1, 5
....
e_li r31, 5
# reset of selected registers
mtcrf 0xFF,r31
mtspr 285,r31 #TBU
.... mtspr 603,r31
##---------
end Initialise Registers ---------------------
##------- Initialise SRAM ECC -----------------------------------------------
# Doing this in halves for 128k SRAM to allow for WDOG service at
# the half-way point.
# Base Address of the internal SRAM
e_lis
r5, _SRAM_BASE_ADDR@h
e_or2i
r5, _SRAM_BASE_ADDR@l
# Store number of 128Byte (32GPRs) segments in Counter
e_lis
r6, _SRAM_SIZE@h
# Initialize r6 to size of SRAM (Bytes)
e_or2i
r6, _SRAM_SIZE@l
e_srwi
r6, r6, 0x3
# Divide SRAM size by 8 (half SRAM size in words)
mtctr
r6
# Move to counter for use with "bdnz"
# Fill SRAM with known values not registers ###############
# Never write content of uninitialised registers to SRAM ####
sram_loop1:
e_lis
r0,0x0
e_stw
r0,0x0(r5)
# Write all 32 registers to SRAM
e_addi
r5,r5,4
# Increment the RAM pointer to next 128byte
e_bdnz
sram_loop1
# Loop for all of SRAM
# Service the watchdog now (doing the entire SRAM init is too long)
e_lis
r1,0xfff3
e_or2i
r1,0x8010
e_li
r2,0xA602# SR sequence value 1
se_stw
r2,0x0(r1)
e_li
r2,0xB480# SR sequence value 2
se_stw
r2,0x0(r1)
# Finish initializing SRAM
mtctr
r6
# r6 still contains half the SRAM size in words
sram_loop2:
e_lis
r0,0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37