Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3316 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN3316
Description  SPC560B power and mode management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3316 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN3316 Datasheet HTML 25Page - STMicroelectronics AN3316 Datasheet HTML 26Page - STMicroelectronics AN3316 Datasheet HTML 27Page - STMicroelectronics AN3316 Datasheet HTML 28Page - STMicroelectronics AN3316 Datasheet HTML 29Page - STMicroelectronics AN3316 Datasheet HTML 30Page - STMicroelectronics AN3316 Datasheet HTML 31Page - STMicroelectronics AN3316 Datasheet HTML 32Page - STMicroelectronics AN3316 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AN3316
Device modes
Doc ID 18232 Rev 2
29/42
8.
RUN0 mode:
At the end of the transition, device enters in RUN0 mode with initial configuration
Scenario 4 (RUNx STANDBY RUNx)
This scenario is a typical application that remains in STANDBY for most of time minimizing
at maximum the power consumption and wakeup periodically to execute some operations
(for example ADC acquisition).
Figure 16.
Scenario 4 - finite state machine
Hardware triggered transition
Software triggered transition
RUN0
XTAL, PLL = ON
sysclk = PLL-64MHz
CFLASH = ON
DFLASH = Low Power
FIRC, sysclk = ON
SIRC = ON
CFLASH = Power Down
periodic wakeup with API
RAM size = 8 KB
STANBY
booting from RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42